Part Number Hot Search : 
TC1304 EZ510 6100A ATA68 BP66R1 MSP3465 SP8505 RF2402
Product Description
Full Text Search
 

To Download B32231D1334000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film Capacitors
Metallized Polyester Film Capacitors (MKT)
Series/Type: Date:
B32231 August 2004
(c) EPCOS AG 2004. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
Metallized polyester film capacitors (MKT) General purpose (wound)
B32231
Typical applications Smoothing Filtering Climatic Max. operating temperature: 100 C Climatic category (IEC 60068-1): 40/100/21 Construction Dielectric: polyethylene terephthalate (polyester, PET) Flat winding Insulating sleeve Face ends sealed with epoxy resin Terminals Central axial wire leads, lead-free tinned Marking Manufacturer, series number, rated capacitance (coded), capacitance tolerance (code letter), rated DC voltage, date of manufacture (coded) Delivery mode Bulk (untaped)
Dimensional drawing
Dimensions in mm Width wmax Lead diameter d1 6.0 0.6 >6.0 ... 13.0 0.8
When bending leads take care to leave a clearance of 1 mm to the capacitor body.
2
B32231 General purpose (wound)
Overview of available types Type VR (VDC) Vrms (VAC) CR (F) 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 B32231 100 63 250 160 400 200 630 200
3
B32231 General purpose (wound)
Ordering codes and packing units VR Vrms CR f 60 Hz VDC VAC F 0.15 100 63 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 0.10 250 160 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 Max. dimensions wxhxl mm 5.5 x 8.5 x 14.0 5.5 x 8.5 x 14.0 5.5 x 8.5 x 14.0 5.5 x 9.0 x 19.0 5.5 x 9.0 x 19.0 7.0 x 12.0 x 19.0 8.0 x 13.0 x 19.0 8.0 x 13.0 x 27.0 8.0 x 15.0 x 27.0 10.0 x 18.0 x 32.0 10.0 x 20.0 x 32.0 13.0 x 23.0 x 32.0 5.5 x 8.5 x 14.0 5.5 x 8.5 x 14.0 5.5 x 9.0 x 19.0 5.5 x 9.0 x 19.0 6.0 x 12.0 x 19.0 7.5 x 12.0 x 19.0 7.5 x 12.0 x 27.0 8.5 x 14.0 x 27.0 8.5 x 16.0 x 27.0 10.0 x 18.0 x 32.0 13.0 x 20.0 x 32.0 Ordering code (composition see below) B32231D1154+000 B32231D1224+000 B32231D1334+000 B32231D1474+000 B32231D1684+000 B32231D1105+000 B32231D1155+000 B32231D1225+000 B32231D1335+000 B32231D1475+000 B32231D1685+000 B32231D1106+000 B32231D3104+000 B32231D3154+000 B32231D3224+000 B32231D3334+000 B32231D3474+000 B32231D3684+000 B32231D3105+000 B32231D3155+000 B32231D3225+000 B32231D3335+000 B32231D3475+000 Untaped pcs./unit 1500 1500 1500 1500 1500 1000 1000 1000 1000 500 500 250 1500 1500 1500 1500 1000 1000 1000 1000 500 500 250
Further E series and intermediate capacitance values on request.
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% J = 5% (on request)
4
B32231 General purpose (wound)
Ordering codes and packing units VR Vrms CR f 60 Hz VDC VAC F 0.10 400 200 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 0.10 630 200 0.15 0.22 0.33 0.47 0.68 1.0 Max. dimensions wxhxl mm 5.5 x 8.5 x 19.0 5.5 x 9.0 x 19.0 7.0 x 12.0 x 19.0 7.0 x 12.0 x 19.0 7.0 x 12.0 x 27.0 8.0 x 14.0 x 27.0 9.0 x 16.0 x 27.0 10.0 x 18.0 x 32.0 13.0 x 22.0 x 32.0 6.0 x 11.0 x 19.0 7.5 x 12.0 x 19.0 8.0 x 13.0 x 19.0 8.0 x 13.0 x 27.0 8.0 x 14.0 x 27.0 10.0 x 16.0 x 32.0 13.0 x 18.0 x 32.0 Ordering code (composition see below) B32231D6104+000 B32231D6154+000 B32231D6224+000 B32231D6334+000 B32231D6474+000 B32231D6684+000 B32231D6105+000 B32231D6155+000 B32231D6225+000 B32231D8104+000 B32231D8154+000 B32231D8224+000 B32231D8334+000 B32231D8474+000 B32231D8684+000 B32231D8105+000 Untaped pcs./unit 1500 1500 1000 1000 1000 1000 500 250 250 1000 1000 1000 1000 500 500 250
Further E series and intermediate capacitance values on request.
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% J = 5% (on request)
5
B32231 General purpose (wound)
Technical data Operating temperature range Max. operating temperature Top,max Upper category temperature Tmax Lower category temperature Tmin Rated temperature TR at 1 kHz 10 kHz VR 100 VDC 250 VDC 1.4 VR, 2 s TA (C) TA 85 85 1 F 10 CR > 0.33 F 1250 s 2500 s
Dissipation factor tan (in 10-3) at 20 C (upper limit values) Insulation resistance Rins or time constant = CR Rins at 20 C, rel. humidity 65% (minimum as-delivered values) DC test voltage Category voltage VC (continuous operation with VDC or VAC at f 60 Hz) Operating voltage V op for short operating periods (VDC or VAC at f 60 Hz) Damp heat test Limit values after damp heat test
DC voltage derating VC = VR VC = VR (165 TA)/80 DC voltage (max. hours) Vop = 1.25 VC (2000 h)
AC voltage derating VC,rms = Vrms VC,rms=Vrms (165 TA)/80 AC voltage (max. hours) Vop = 1.0 VC,rms (1000 h)
21 days/40 C/93% relative humidity Capacitance change C/C Dissipation factor change tan Insulation resistance Rins or time constant = CR Rins
5% 5 10-3 (at 1 kHz) 7 10-3 (at 10 kHz) 20% of minimum as-delivered values
6
B32231 General purpose (wound)
Pulse handling capability "dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal voltages, expressed in V/s. "k0" represents the maximum permissible pulse characteristic of the waveform applied to the capacitor, expressed in V 2/s. Note: The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the capacitor. dV/dt values Lenght of capacitor VR Vrms VDC VAC 100 250 400 630 k0 values Lenght of capacitor VR Vrms VDC VAC 100 250 400 630 63 160 200 200 14 mm k0 in V2/s 1 200 5 000 19 mm 27 mm 32 mm 63 160 200 200 14 mm dV/dt in V/s 6 10 3 5 7 10 2 3 4 7 1.5 2.5 3 5 19 mm 27 mm 32 mm
600 2 500 5 600 12 500
400 1 500 3 200 8 800
300 1 250 2 400 6 300
7
B32231 General purpose (wound)
Impedance Z versus frequency f (typical values)
Permissible AC voltage Vrms versus frequency f Values can be obtained on request. In specific cases please provide a scaled voltage/ time graph and state operating conditions.
8


▲Up To Search▲   

 
Price & Availability of B32231D1334000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X